Part Number Hot Search : 
CSD2425 A1S109 CLL131 ZTB389D ML22Q394 ZR35230 UNR2117 SC312
Product Description
Full Text Search
 

To Download NACEWR47M6363X55TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES * CYLINDRICAL V-CHIP CONSTRUCTION * WIDE TEMPERATURE -55 ~ +105OC * ANTI-SOLVENT (2 MINUTES) * DESIGNED FOR REFLOW ttSOLDERING CHARACTERISTICS
NACEW Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
6.3 ~ 100Vdc** Rated Voltage Range 0.1 ~ 6,800F Rate Capacitance Range Operating Temp. Range -55C ~ +105C (100V -40C ~ +105 C) 20% (M), 10% (K)* Capacitance Tolerance 0.01CV or 3A Max. Leakage Current whichever is greater After 2 Minutes @ 20C W.V. (Vdc) 6.3 10 16 S.V. (Vdc) 8 13 20 Max. Tan @120Hz/20C 4 ~ 6.3mm Dia. 0.24 0.20 0.16 8 & larger 0.28 0.24 0.20 W.V. (Vdc) 6.3 10 16 Low Temperature Stability Z-40C/Z+20C 3 3 2 Impedance Ratio @ 120Hz Z-55C/Z+20C 8 6 4 4 ~ 6.3mm Dia. & 10x8mm Capacitance Change +105C 1,000 hours +95C 2,000 hours +85C 4,000 hours Load Life Test Tan 8 ~ 16mm Dia. +105C 2,000 hours +95C 4,000 hours Leakage Current +85C 8,000 hours * Optional 10% (K) Tolerance - see case size chart.**
25 32 0.14 0.16 25 2 4
35 44 0.12 0.14 35 2 3
50 63 0.10 0.12 50 2 3
63 79 0.12 0.12 63 2 3
100 125 0.10 0.10 100 2 -
Within 25% of initial measured value Less than 200% of specified max. value Less than specified max. value
For higher voltages, 200V and 400V, see NACV series.
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 105OC)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 150 220 330 470 1000 1500 2200 3300 4700 6800 6.3 22 27 33 50 55 67 105 210 280 310 520 930 10 25 30 41 62 105 195 210 310 510 880 Working Voltage (Vdc) 16 25 35 50 0.7 1.6 2.5 3.5 7.0 11 13 13 14 16 18 20 21 24 27 36 38 32 40 44 42 60 48 48 49 63 60 91 84 140 95 140 155 105 175 190 220 195 220 300 230 300 410 460 655 500 740 805 840 63 0.7 1.6 2.5 3.5 7.0 11 14 16 24 49 112 119 196 287 630 100 7.0 14 20 25 35 84 133 240 500 -
MAXIMUM ESR ( AT 120Hz AND 20OC)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 150 220 330 470 1000 1500 2200 3300 4700 6800 6.3 18.1 12.1 8.47 3.98 2.66 1.81 1.21 0.99 0.46 0.31 0.14 0.093 10 15.1 10.1 7.06 2.21 1.51 1.21 0.85 0.40 0.18 0.11 Working Voltage (Vdc) 16 25 35 50 1660 754 503 353 166 75.4 50.3 49.4 42.3 35.3 26.5 23.2 19.9 16.6 12.1 10.6 9.05 7.64 8.04 7.04 6.04 5.03 5.65 4.95 4.24 3.53 2.66 2.32 2.32 1.99 1.77 1.77 1.55 1.21 1.21 1.06 0.91 1.00 0.80 0.70 0.71 0.57 0.49 0.27 0.20 0.23 0.15 0.14 0.12 63 1990 905 604 424 199 90.5 60.3 42.3 19.9 9.04 6.03 4.24 1.99 0.91 0.42 100 166 75.4 50.3 35.3 16.6 7.64 5.03 3.53 1.10 -
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency (Hz) Correction Factor f < 100 0.8 100 > f < 1K 1K > f < 10K f > 100K 1.0 1.3 1.5
10
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE DxL (mm)
Cap. (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 150 220 330 Code R10 R22 R33 R47 1R0 2R2 3R3 4R7 100 220 330 470 101 151 221 331 6.3 4x5.5* 5x5.5* 5x5.5* 6.3x5.5* 6.3x5.5* 6.3x6.3* 6.3x8* 10 5x5.5* 5x5.5* 6.3x5.5* 6.3x6.3* 6.3x8* 8x10.5* Working Voltage (Vdc) 16 25 35 4x5.5* 4x5.5* 4x5.5* 5x5.5* 5x5.5* 5x5.5* 6.3x5.5* 6.3x5.5* 6.3x5.5* 6.3x5.5* 6.3x6.3* 6.3x5.5* 6.3x6.3* 6.3x6.3* 6.3x5.5* 6.3x8* 6.3x8 8x10.5* 6.3x8* 8x10.5* 10x8* 8x10.5* 6.3x8* 8x10.5 10x8* 8x10.5* 8x10.5* 10x10.5 10x8 50 63 4x5.5* 4x5.5* 4x5.5* 4x5.5* 4x5.5* 4x5.5* 4x5.5* 4x5.5* 4x5.5* 4x5.5* 4x5.5* 4x5.5* 4x5.5* 5x5.5* 5x5.5* 5x5.5* 6.3x5.5* 6.3x5.5* 6.3x6.3* 6.3x8* 6.3x8* 8x10.5* 6.3x8* 8x10.5* 8x10.5* 10x10.5* 10x10.5 16x17 12.5x14 16x17 100 4x6.3* 6.3x6.3* 6.3x6.3* 6.3x6.3* 6.3x8* 8x10.5* 10x10.5* 12.5x14 16x17 -
NACEW Series
8x10.5 470 471 8x10.5 8x10.5 10x10.5* 12.5x14 10x8 1000 102 8x10.5* 10x10.5* 12.5x14 1500 152 10x10.5* 12.5x14 16x17 2200 222 12.5x14 16x17 3300 332 12.5x14 16x17 4700 472 16x17 6800 682 16x17 *Denotes values available in 10% tolerance
DIMENSIONS (mm)
Case Size D 0.5 L max. A 0.2 B 0.2 I 0.2 4 x 5.5 4.0 5.5 4.3 4.3 1.8 5 x 5.5 5.0 5.5 5.3 5.3 2.1 6.3 x 5.5 6.3 5.5 6.6 6.6 2.5 6.3 x 6.3 6.3 6.3 6.6 6.6 2.5 6.3 x 8 6.3 8.0 6.6 6.6 2.5 8 x 6.5 8.0 6.5 8.3 8.3 3.4 8 X 10.5 8.0 10.5 8.3 8.3 2.9 10 x 8 10.0 8.0 10.3 10.3 3.2 10 x 10.5 10.0 10.5 10.3 10.3 3.2 12.5 x 14 12.5 14.0 12.8 12.8 4.5 16 x 17 16.0 17.5 17.0 17.0 5.5 W 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.7 ~ 1.0 0.7 ~ 1.4 0.7 ~ 1.4 0.6 ~ 1.4 0.9 ~ 1.5 P 0.2 1.0 1.4 2.2 2.2 2.2 2.2 3.2 4.6 4.6 4.6 6.7
D
0.3mm max.
L
+
W
I
I
-
A P
PART NUMBER SYSTEM
NACEW 101 M 16V 6.3x5.5 TR 13 F
RoHS Compliant 97% Sn (min.), 3% Bi (max.) 330mm (13") Reel Tape & Reel Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in mF, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F
B
Series
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
11


▲Up To Search▲   

 
Price & Availability of NACEWR47M6363X55TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X